Part Number Hot Search : 
ON1053 LCE100 MEFDD 6KE400 2SA1701 HA229 180CA B5A100VI
Product Description
Full Text Search
 

To Download APSX1250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  powerverter aps x 1250w 12vdc 230v inverter/charger with auto-transfer switching, 2-c13 outlets model number: APSX1250 description tripp lite's APSX1250 dc-to-ac inverter with automatic line-to-battery transfer and integrated charging system serves as an extended run ups, a standalone power source or an automotive inverter. supplies up to 1250 watts of continuous 230v ac power to 2 ac outlets from any 12v battery or automotive dc source. overpower inverter output feature temporarily provides up to 150% of the continuous output for up to 1-60 minutes and doubleboost inverter output feature delivers up to 200% of the continuous output for up to 10 seconds, providing the extra power needed to cold start heavy-duty tools and motorized equipment. when ac cable is connected to a live wall socket, commercial power passes through to connected equipment and the battery set is recharged via 3 stage, selectable 7.5/30 amp charging system. in ups mode, the aps system responds to blackouts and voltage fluctuations with a near instantaneous automatic transfer to battery-derived ac output. includes a set of high current dc input terminals for simple installation (user supplies batteries and cabling - see owner's manual for recommendations). passes sine wave utility or generator power during battery charging and ups line power operation, plus efficient pwm sine wave ac output in inverter and ups backup modes. reliable large transformer design, with frequency control powers resistive electronic loads or large inductive motors, compressors and other items with high current needs on startup. optional apsrm4 wired remote power switch with full status leds provides remote power inverter on/off switching and continuous status information (apsrm4 sold separate). supports an unlimited amount of runtime with any number of user-supplied batteries connected. highly adaptable to a variety of applications and site conditions with adjustable charger settings for wet/gel battery types and selectable line to battery power transfer voltages. features supports 230v ac output from a 230v ac line power source or 12v dc battery source 10 millisecond automatic transfer between line and battery power supports ups protection during blackouts and voltage fluctuations for equipment compatible with a 1/2 cycle transfer time double boost inverter output supports momentary startup loads up to 200% of the continuous rating for up to 10 seconds (see specification chart) highlights 12v dc or 230v ac input; 230v, 50 hz output; 2 ac outlets 1250 watts continuous, 1875 watts overpower and 2500 watts doubleboost inverter output (see specifications) 3 stage, selectable 7.5 / 30 amp wet/dry cell battery charger with 1/2 cycle transfer time auto transfer switching option for battery backup / ups operation reliability enhanced large-transformer design with protected dc terminals applications versatile inverter/charger system with auto-transfer switching serves as an automotive inverter for rvs, over-the-road trucking, conversion vans, marine environments and fleet service vehicles; a standalone alternative power source for off-grid, alternative energy or export applications and as an uninterruptible power supply (ups) for items compatible with a 10 millisecond transfer time. note: for sump pump applications, tripp lite recommends its "ut" utility truck inverter/chargers. package includes APSX1250 inverter/charger instruction manual with warranty information 1 / 4
overpower inverter output supports longer duration overloads to 150% for 1-60 minutes under ideal battery and temperature conditions 3 stage, selectable 7.5/30 amp battery charger with adjustable settings for wet/gel battery types offers fast, reliable battery recharging dual c13 output receptacles pass 120v line power or inverter output through to connected equipment 3 position operating mode switch supports "auto" mode to enable automatic transfer between dc and ac modes, charge-only to maintain a full battery charge set of six front panel leds display ac/dc operational modes, overload status, dc voltage level, shutdown status and system fault status set of 4 configuration dipswitches support wet/gel battery charging profiles, charger enable/inhibit, and selectable 144/163/182/201v ac low voltage auto transfer during brownouts set of 4 additional configuration dipswitches support 4 levels of charger limiting relative to output load size, a battery equalization program and battery charger low/high settings resettable 5a charger ac input breaker and resettable 6a ac output breaker and automatic 2 speed cooling fan protect the inverter from load and temperature related failures automatic overload and thermal shutoff safely turns off inverter as excessive loads or overheating conditions develop front panel remote control connector enables remote off/on switching (requires apsrm4 switch accessory) specifications output frequency compatibility 50 hz output receptacles (2) universal outlets output (watts) 1250 continuous output capacity (watts) 1250 peak output capacity (watts) 2500 output nominal voltage 230v output voltage regulation line power (ac): maintains 230v nominal sine wave output from line power source. inverter power (ac): maintains pwm sine wave output voltage of 230 vac (+/-5%). output frequency regulation 50 hz (+/- 0.3 hz) overload protection includes 5a input breaker dedicated to the charging system and 6a output breaker for ac output loads pure sine wave output no input nominal input voltage(s) supported 230v ac recommended electrical service dc input: requires 12vdc input source capable of delivering 125a for the required duration (when used at full continuous capacity - dc requirements increase during overpower and doubleboost operation). for automotive applications, professional hardwire installation with 225a minimum battery system fusing is recommended. ac input: 230vac maximum input amps / watts dc input: full continuous load - 125a at 12vdc. ac input: 9.3a at 230vac with full inverter and charger load (3.3a max charger-only / combined input load to support charger and ac output is automatically controllable to 66%-33%-0% based on ac output loading using the charger limiting set points - see manual for setting instructions) input connection type dc input: set of 2 dc bolt-down terminals. ac input: iec-320 c14 inlet connection voltage compatibility (vac) 230 2 / 4
voltage compatibility (vdc) 12 battery expandable battery runtime runtime is expandable with any number of user supplied wet or gel type batteries dc system voltage (vdc) 12 battery pack accessory (optional) 98-121 sealed lead acid battery (optional) battery charge selectable 7.5 / 30 amp with 1/2 cycle transfer time expandable runtime yes user interface, alerts & controls front panel leds set of 6 leds offer continuous status information on load percentage (6 levels reported) and battery charge level (7 levels reported). see manual for sequences. switches 3 position on/off/remote switch enables simple on/off power control plus "auto/remote" setting that enables distant on/off control of the inverter system when used in conjunction with optional apsrm4 accessory when used in inverter mode. in ac uninterruptible power mode, auto/remote setting enables automatic transfer from line power to battery power - to maintain continuous ac power to connected loads. surge / noise suppression ac suppression joule rating 840 physical shipping dimensions (hwd / in.) 12.5 x 11 x 10.75 shipping dimensions (hwd / cm) 31.75 x 27.94 x 27.31 shipping weight (lbs.) 26 shipping weight (kg) 11.8 unit dimensions (hwd / in.) 7 x 8.75 x 9 unit dimensions (hwd / cm) 17.78 x 22.23 x 22.86 unit weight (lbs.) 24 unit weight (kg) 10.9 cooling method multi-speed fan material of construction polycarbonate form factors supported mounting slots enable permanent placement of APSX1250 on any horizontal surface (see manual for additional mounting information) environmental relative humidity 0-95% non-condensing line / battery transfer transfer time (line power to battery mode) 10 milliseconds (typical - compatible with many computers, servers and networking equipment - verify transfer time compatibility of loads for ups applications) 3 / 4
low voltage transfer to battery power in ac "auto" mode, inverter/charger switches to battery mode as line voltage drops to 144v (user adjustable to 163, 182, 201v - see manual) high voltage transfer to battery power in ac "auto" mode, inverter/charger switches to battery mode as line voltage increases to 272 special features remote control capability yes warranty product warranty period (u.s. & canada) 1-year limited warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 2-year limited warranty product warranty period (puerto rico) 1-year limited warranty ? 2015 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 4 / 4


▲Up To Search▲   

 
Price & Availability of APSX1250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X